công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDB4955A bảng dữ liệu(PDF) 13 Page - Cirrus Logic

tên linh kiện CDB4955A
Giải thích chi tiết về linh kiện  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4955A bảng dữ liệu(HTML) 13 Page - Cirrus Logic

Back Button CDB4955A Datasheet HTML 9Page - Cirrus Logic CDB4955A Datasheet HTML 10Page - Cirrus Logic CDB4955A Datasheet HTML 11Page - Cirrus Logic CDB4955A Datasheet HTML 12Page - Cirrus Logic CDB4955A Datasheet HTML 13Page - Cirrus Logic CDB4955A Datasheet HTML 14Page - Cirrus Logic CDB4955A Datasheet HTML 15Page - Cirrus Logic CDB4955A Datasheet HTML 16Page - Cirrus Logic CDB4955A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
CS4954 CS4955
DS278F6
13
able gain amplifiers in which the chroma amplitude
can be varied via the U_AMP and V_AMP 8-bit
host addressable registers.
The U and V chroma signals are fed to a quadrature
modulator in which they are combined with the
output from the subcarrier synthesizer to produce
the proper modulated chrominance signal.
The chroma is then interpolated by a factor of two
in order to operate the output DACs at twice the
pixel rate. The interpolation filters enable running
the DACs at twice the pixel rate which helps reduce
the sinx/x roll-off for higher frequencies and reduc-
es the complexity of the external analog low pass
filters.
4.5
Luma Path
Along with the chroma output path, the CS4954/5
Video Input Formatter has a parallel luma data out-
put to a digital delay line. The delay line is a digital
FIFO. The FIFO depth matches the clock period
delay associated with the more complex chroma
path. Brightness adjustment is also provided via the
8-bit BRIGHTNESS_OFFSET Register.
Following the luma delay, the data is passed
through an interpolation filter that has a program-
mable bandwidth, followed by a variable gain am-
plifier. The amplifier DC luma gain can be changed
using the the Y_AMP Register.
The output of the luma amplifier connects to the
sync insertion block. Sync insertion is accom-
plished by multiplexing, into the luma data path,
the different sync DC values at the appropriate
times. The digital sync generator takes horizontal
sync and vertical sync timing signals and generates
the appropriate composite sync timing (including
vertical equalization and serration pulses), blank-
ing information, and burst flag. The sync edge rates
conform to RS-170A or ITU R.BT601 and ITU
R.BT470 specifications.
It is also possible to delay the luminance signal,
with respect to the chrominance signal, by up to
three pixel clocks. This variable delay is useful to
offset different propagation delays of the luma
baseband and modulated chroma signals. This ad-
justable luma delay is available only on the
CVBS_1 output.
4.6
RGB Path and Component YUV Path
The RGB datapath has the same latency as the luma
and chroma path. Therefore all six simultaneous
analog outputs are synchronized. The 4:2:2 YCbCr
data is first interpolated to 4:4:4 and then interpo-
lated to 27 MHz. The color space conversion is per-
formed at 27 MHz. The coefficients for the color
space conversion conform to the ITU R.BT601
specifications.
After color space conversion, the amplitude of each
component can be independently adjusted via the
R_AMP, G_AMP, and B_AMP 8-bit host address-
able registers. A synchronization signal can be add-
ed to either one, two or all of the RGB signals. The
synchronization signal conforms to NTSC or PAL
specifications.
Some applications (e.g., projection TVs) require
analog component YUV signals. The chip provides
a programmable mode that outputs component
YUV data. Sync can be added to the luminance sig-
nal. Independent gain adjustment of the three com-
ponents is provided as well.
4.7
Digital to Analog Converters
The CS4954/5 provides six discrete 27 MHz DACs
for analog video. The default configuration is one
10-bit DAC for S-video chrominance, one 10-bit
DAC for S-Video luminance, one 10-bit DAC for
composite output, and three 10-bit DACs for RGB
outputs. All six DACs are designed for driving ei-
ther low-impedance loads (double terminated
75
Ω) or high-impedance loads (double terminated
300
Ω). There are five different DAC configura-
tions to choose from (see Table 1, below).
The DACs can be put into high-impedance mode
via host-addressable control register bits. Each of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com