| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5101A bảng dữ liệu(PDF) 15 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5101A bảng dữ liệu(HTML) 15 Page - Cirrus Logic |
|
15 / 39 page ![]() CS5101A CS5102A DS45F6 15 2. OVERVIEW The CS5101A and CS5102A are 2-channel, 16-bit A/D converters. The devices include an inherent sample/hold and an on-chip analog switch for 2- channel operation. Both channels can thus be sampled and converted at rates up to 50 kSps each (CS5101A) or 10 kSps each (CS5102A). Al- ternatively, each of the devices can be operated as a single channel ADC operating at 100 kSps (CS5101A) or 20 kSps (CS5102A). Both the CS5101A and CS5102A can be config- ured to accept either unipolar or bipolar input rang- es, and data is output serially in either binary or 2's complement coding. The devices can be config- ured in 3 different output modes, as well as an in- ternal, synchronous loopback mode. The CS5101A and CS5102A provide coarse charge/fine charge control, to allow accurate track- ing of high-slew signals. 3. THEORY OF OPERATION The CS5101A and CS5102A implement the suc- cessive approximation algorithm using a charge redistribution architecture. Instead of the traditional resistor network, the DAC is an array of binary- weighted capacitors. All capacitors in the array share a common node at the comparator's input. As shown in Figure 3, their other terminals are ca- pable of being connected to AGND, VREF, or AIN (1 or 2). When the device is not calibrating or con- verting, all capacitors are tied to AIN. Switch S1 is closed and the charge on the array, tracks the in- put signal. When the conversion command is issued, switch S1 opens. This traps the charge on the comparator side of the capacitor array and creates a floating node at the comparator's input. The conversion al- gorithm operates on this fixed charge, and the sig- nal at the analog input pin is ignored. In effect, the entire DAC capacitor array serves as analog mem- ory during conversion much like the hold capacitor in a sample/hold amplifier. The conversion consists of manipulating the free plates of the capacitor array to VREF and AGND to form a capacitive divider. Since the charge at the floating node remains fixed, the voltage at that point depends on the proportion of capacitance tied to VREF versus AGND. The successive ap- proximation algorithm is used to find the proportion of capacitance, which when connected to the refer- ence will drive the voltage at the floating node to zero. That binary fraction of capacitance repre- sents the converter's digital output. Figure 3. Coarse Charge Input Buffers & Charge Redistribution DAC AIN C C/2 C /3 2 ,7 6 8 M S B LSB Bit 15 Bit 14 Bit 13 Bit 0 C = C + C /2 + C /4 + C /8 + ... C /3 2 ,7 6 8 to t Du m m y C/3 2 ,7 6 8 S1 C/4 Fine VR E F AGND Co a rs e Co ars e Fine Co a rs e Fine + - + - + - + - |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |