| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2444CPWR bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2444CPWR bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 39 page ![]() TLV2442, TLV2442A, TLV2444, TLV2444A Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001 26 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL DATA JG (R-GDIP-T8) CERAMIC DUAL-IN-LINE PACKAGE 0.310 (7,87) 0.290 (7,37) 0.014 (0,36) 0.008 (0,20) Seating Plane 4040107/C 08/96 5 4 0.065 (1,65) 0.045 (1,14) 8 1 0.020 (0,51) MIN 0.400 (10,20) 0.355 (9,00) 0.015 (0,38) 0.023 (0,58) 0.063 (1,60) 0.015 (0,38) 0.200 (5,08) MAX 0.130 (3,30) MIN 0.245 (6,22) 0.280 (7,11) 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification on press ceramic glass frit seal only. E. Falls within MIL-STD-1835 GDIP1-T8 |