| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2444CPWR bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2444CPWR bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 39 page ![]() TLV2442, TLV2442A, TLV2444, TLV2444A Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 6 9 6 3 0 12 15 DISTRIBUTION OF TLV2442 INPUT OFFSET VOLTAGE TEMPERATURE COEFFICIENT αVIO – Temperature Coefficient – µV/°C –8 –7 –6 –5 –4 –3 –2 –1 0123 4 32 Amplifiers From 1 Wafer Lot VDD = ± 1.5 V P Package 25 °C to 125°C Figure 7 9 6 3 0 12 15 DISTRIBUTION OF TLV2442 INPUT OFFSET VOLTAGE TEMPERATURE COEFFICIENT αVIO – Temperature Coefficient – µV/°C –7 –6 –5 –4 –3 –2 –1 0 123 4 –8 18 32 Amplifiers From 2 Wafer Lots VDD = ± 2.5 V P Package 25 °C to 125°C Figure 8 15 10 5 0 25 45 65 85 20 25 30 105 125 INPUT BIAS AND INPUT OFFSET CURRENTS vs FREE-AIR TEMPERATURE TA – Free-Air Temperature – °C 35 VDD = ± 2.5 V VIC = 0 VO = 0 RS = 50 Ω IIB IIO Figure 9 HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT 3 2.5 2 1.5 1 0.5 0 02 4 6 8 10 12 IOH – High-Level Output Current – mA VDD = 3 V TA = 125°C TA = 85°C TA = 25°C TA = – 40°C |