công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F883-E/SSSQTP bảng dữ liệu(PDF) 152 Page - Microchip Technology

tên linh kiện PIC16F883-E/SSSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSSQTP bảng dữ liệu(HTML) 152 Page - Microchip Technology

Back Button PIC16F883-E/SSSQTP Datasheet HTML 148Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 149Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 150Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 151Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 152Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 153Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 154Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 155Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 288 page
background image
PIC16F822/883/884/886/887
DS41291D-page 150
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 12-2:
EUSART RECEIVE BLOCK DIAGRAM
The operation of the EUSART module is controlled
through three registers:
• Transmit Status and Control (TXSTA)
• Receive Status and Control (RCSTA)
• Baud Rate Control (BAUDCTL)
These
registers
are
detailed
in
Register 12-1,
Register 12-2 and Register 12-3, respectively.
RX/DT pin
Pin Buffer
and Control
SPEN
Data
Recovery
CREN
OERR
FERR
RSR Register
MSb
LSb
RX9D
RCREG Register
FIFO
Interrupt
RCIF
RCIE
Data Bus
8
Stop
Start
(8)
7
1
0
RX9
• • •
SPBRG
SPBRGH
BRG16
RCIDL
FOSC
÷ n
n
+ 1
Multiplier
x4
x16 x64
SYNC
1X00
0
BRGH
X110
0
BRG16
X101
0
Baud Rate Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More