| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-E/SSSQTP bảng dữ liệu(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SSSQTP bảng dữ liệu(HTML) 78 Page - Microchip Technology |
|
78 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 76 Preliminary © 2007 Microchip Technology Inc. 6.0 TIMER1 MODULE WITH GATE CONTROL The Timer1 module is a 16-bit timer/counter with the following features: • 16-bit timer/counter register pair (TMR1H:TMR1L) • Programmable internal or external clock source • 3-bit prescaler • Optional LP oscillator • Synchronous or asynchronous operation • Timer1 gate (count enable) via comparator or T1G pin • Interrupt on overflow • Wake-up on overflow (external clock, Asynchronous mode only) • Time base for the Capture/Compare function • Special Event Trigger (with ECCP) • Comparator output synchronization to Timer1 clock Figure 6-1 is a block diagram of the Timer1 module. 6.1 Timer1 Operation The Timer1 module is a 16-bit incrementing counter which is accessed through the TMR1H:TMR1L register pair. Writes to TMR1H or TMR1L directly update the counter. When used with an internal clock source, the module is a timer. When used with an external clock source, the module can be used as either a timer or counter. 6.2 Clock Source Selection The TMR1CS bit of the T1CON register is used to select the clock source. When TMR1CS = 0, the clock source is FOSC/4. When TMR1CS = 1, the clock source is supplied externally. FIGURE 6-1: TIMER1 BLOCK DIAGRAM Clock Source TMR1CS FOSC/4 0 T1CKI pin 1 TMR1H TMR1L T1SYNC T1CKPS<1:0> Prescaler 1, 2, 4, 8 0 1 Synchronized clock input 2 Set flag bit TMR1IF on Overflow TMR1(2) TMR1GE TMR1ON 1 0 C2OUT T1GSS T1GINV To C2 Comparator Module Timer1 Clock Note 1: ST Buffer is low power type when using LP oscillator, or high speed type when using T1CKI. 2: Timer1 register increments on rising edge. 3: Synchronize does not operate while in Sleep. EN T1G T1 OSC FOSC/4 Internal Clock 1 0 T1OSI T1OSO T1OSCEN 1 0 T1CKI TMR1CS (1) Synchronize(3) det Sleep input |