công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F883-E/SSSQTP bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện PIC16F883-E/SSSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SSSQTP bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button PIC16F883-E/SSSQTP Datasheet HTML 43Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 44Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 45Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 46Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 47Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 48Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 49Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 50Page - Microchip Technology PIC16F883-E/SSSQTP Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 45
PIC16F882/883/884/886/887
3.2.3.6
RA5/AN4/SS/C2OUT
Figure 3-6 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a slave select input
• a digital output from Comparator C2
FIGURE 3-6:
BLOCK DIAGRAM OF RA5
3.2.3.7
RA6/OSC2/CLKOUT
Figure 3-7 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a crystal/resonator connection
• a clock output
FIGURE 3-7:
BLOCK DIAGRAM OF RA6
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Analog(1)
Input Mode
Data Bus
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
0
1
C2OUT
C2OUT
Enable
To SS Input
To A/D Converter
Note
1:
ANSEL determines Analog Input mode.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
FOSC/4
OSC2
CLKOUT
0
1
CLKOUT
Enable
Enable
INTOSCIO/
EXTRCIO/EC(1)
CLKOUT
Enable
Note 1: With I/O option.
Circuit
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More