| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/PSQTP bảng dữ liệu(PDF) 194 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/PSQTP bảng dữ liệu(HTML) 194 Page - Microchip Technology |
|
194 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 192 © 2007 Microchip Technology Inc. FIGURE 13-12: CLOCK SYNCHRONIZATION TIMING TABLE 13-4: REGISTERS ASSOCIATED WITH I2C™ OPERATION(1) Addr Name Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 Value on POR, BOR Value on all other Resets 0Bh/8Bh/ 10Bh/18Bh INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF 0000 000x 0000 000x 0Ch PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF -000 0000 -000 0000 13h SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx uuuu uuuu 14h SSPCON WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 0000 0000 86h TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- 93h SSPMSK(2) MSK7 MSK6 MSK5 MSK4 MSK3 MSK2 MSK1 MSK0 1111 1111 1111 1111 94h SSPSTAT SMP(3) CKE(3) D/A PS R/W UA BF 0000 0000 0000 0000 8Ch PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IF TMR1IF -000 0000 -000 0000 Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the SSP module. Note 1: PIC16F687/PIC16F689/PIC16F690 only. 2: SSPMSK register (Register 13-3) can be accessed by reading or writing to SSPADD register with bits SSPM<3:0> = 1001. See Registers 13-2 and 13-3 for more details. 3: Maintain these bits clear. SDA SCL DX-1 DX WR Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 SSPCON CKP Master device deasserts clock Master device asserts clock |