| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/PSQTP bảng dữ liệu(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/PSQTP bảng dữ liệu(HTML) 34 Page - Microchip Technology |
|
34 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 32 © 2007 Microchip Technology Inc. TABLE 2-1: PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0 Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Page Bank 0 00h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 44,201 01h TMR0 Timer0 Module Register xxxx xxxx 81,201 02h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 44,201 03h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 36,201 04h FSR Indirect Data Memory Address Pointer xxxx xxxx 44,201 05h PORTA(7) — — RA5 RA4 RA3 RA2 RA1 RA0 --xx xxxx 59,201 06h PORTB(7) RB7 RB6 RB5 RB4 — — — — xxxx ---- 69,201 07h PORTC(7) RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 xxxx xxxx 76,201 08h — Unimplemented — — 09h — Unimplemented — — 0Ah PCLATH — — — Write Buffer for upper 5 bits of Program Counter ---0 0000 44,201 0Bh INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF(1) 0000 000x 38,201 0Ch PIR1 —ADIF(4) RCIF(2) TXIF(2) SSPIF(5) CCP1IF(3) TMR2IF(3) TMR1IF -000 0000 41,201 0Dh PIR2 OSFIF C2IF C1IF EEIF — — — — 0000 ---- 42,201 0Eh TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx 86,201 0Fh TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx 86,201 10h T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 88,201 11h TMR2(3) Timer2 Module Register 0000 0000 91,201 12h T2CON(3) — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 92,201 13h SSPBUF(5) Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx 178,201 14h SSPCON(5, 6) WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 177,201 15h CCPR1L(3) Capture/Compare/PWM Register 1 (LSB) xxxx xxxx 128,201 16h CCPR1H(3) Capture/Compare/PWM Register 1 (MSB) xxxx xxxx 128,201 17h CCP1CON(3) P1M1 P1M0 DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 0000 0000 127,201 18h RCSTA(2) SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 159,201 19h TXREG(2) EUSART Transmit Data Register 0000 0000 151 1Ah RCREG(2) EUSART Receive Data Register 0000 0000 154 1Bh — Unimplemented — — 1Ch PWM1CON(3) PRSEN PDC6 PDC5 PDC4 PDC3 PDC2 PDC1 PDC0 0000 0000 144,201 1Dh ECCPAS(3) ECCPASE ECCPAS2 ECCPAS1 ECCPAS0 PSSAC1 PSSAC0 PSSBD1 PSSBD0 0000 0000 141,201 1Eh ADRESH(4) A/D Result Register High Byte xxxx xxxx 115,201 1Fh ADCON0(4) ADFM VCFG CHS3 CHS2 CHS1 CHS0 GO/DONE ADON 0000 0000 113,201 Legend: – = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: MCLR and WDT Reset do not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the mismatch exists. 2: PIC16F687/PIC16F689/PIC16F690 only. 3: PIC16F685/PIC16F690 only. 4: PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only. 5: PIC16F677/PIC16F687/PIC16F689/PIC16F690 only. 6: When SSPCON register bits SSPM<3:0> = 1001, any reads or writes to the SSPADD SFR address are accessed through the SSPMSK register. See Registers 13-2 and 13-3 for more detail. 7: Port pins with analog functions controlled by the ANSEL and ANSELH registers will read ‘0’ immediately after a Reset even though the data latches are either undefined (POR) or unchanged (other Resets). |