| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/PSQTP bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/PSQTP bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 26 © 2007 Microchip Technology Inc. FIGURE 2-3: PROGRAM MEMORY MAP AND STACK FOR THE PIC16F677/PIC16F687 2.2 Data Memory Organization The data memory (see Figures 2-6 through 2-8) is partitioned into four banks which contain the General Purpose Registers (GPR) and the Special Function Registers (SFR). The Special Function Registers are located in the first 32 locations of each bank. The General Purpose Registers, implemented as static RAM, are located in the last 96 locations of each Bank. Register locations F0h-FFh in Bank 1, 170h-17Fh in Bank 2 and 1F0h-1FFh in Bank 3 point to addresses 70h-7Fh in Bank 0. The actual number of General Purpose Resisters (GPR) in each Bank depends on the device. Details are shown in Figures 2-4 through 2-8. All other RAM is unimplemented and returns ‘0’ when read. RP<1:0> of the STATUS register are the bank select bits: RP1 RP0 00 → Bank 0 is selected 01 → Bank 1 is selected 10 → Bank 2 is selected 11 → Bank 3 is selected 2.2.1 GENERAL PURPOSE REGISTER FILE The register file is organized as 128 x 8 in the PIC16F687 and 256 x 8 in the PIC16F685/PIC16F689/PIC16F690. Each register is accessed, either directly or indirectly, through the File Select Register (FSR) (see Section 2.4 “Indirect Addressing, INDF and FSR Registers”). 2.2.2 SPECIAL FUNCTION REGISTERS The Special Function Registers are registers used by the CPU and peripheral functions for controlling the desired operation of the device (see Tables 2-1 through 2-4). These registers are static RAM. The special registers can be classified into two sets: core and peripheral. The Special Function Registers associated with the “core” are described in this section. Registers related to the operation of peripheral features are described in the section of that peripheral feature. PC<12:0> 13 0000h 0004h 0005h 07FFh 0800h 1FFFh Stack Level 1 Stack Level 8 Reset Vector Interrupt Vector On-chip Program Memory CALL, RETURN RETFIE, RETLW Stack Level 2 Access 0-7FFh |