| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/PSQTP bảng dữ liệu(PDF) 186 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/PSQTP bảng dữ liệu(HTML) 186 Page - Microchip Technology |
|
186 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 184 © 2007 Microchip Technology Inc. 13.11 SSP I2C Operation The SSP module in I2C mode, fully implements all slave functions, except general call support, and provides interrupts on Start and Stop bits in hardware to facilitate firmware implementations of the master functions. The SSP module implements the Standard mode specifications, as well as 7-bit and 10-bit addressing. Two pins are used for data transfer. These are the RB6/ SCK/SCL pin, which is the clock (SCL), and the RB4/ AN10/SDI/SDA pin, which is the data (SDA). The SSP module functions are enabled by setting SSP enable bit SSPEN (SSPCON<5>). FIGURE 13-7: SSP BLOCK DIAGRAM (I2C™ MODE) The SSP module has six registers for the I2C operation, which are listed below. • SSP Control register (SSPCON) • SSP Status register (SSPSTAT) • Serial Receive/Transmit Buffer (SSPBUF) • SSP Shift register (SSPSR) – Not directly accessible • SSP Address register (SSPADD) • SSP Mask register (SSPMSK) The SSPCON register allows control of the I2C operation. Four mode selection bits (SSPCON<3:0>) allow one of the following I2C modes to be selected: •I2C Slave mode (7-bit address) •I2C Slave mode (10-bit address) •I2C Slave mode (7-bit address), with Start and Stop bit interrupts enabled to support Firmware Master mode •I2C Slave mode (10-bit address), with Start and Stop bit interrupts enabled to support Firmware Master mode •I2C Start and Stop bit interrupts enabled to support Firmware Master mode; Slave is idle Selection of any I2C mode with the SSPEN bit set forces the SCL and SDA pins to be open drain, provided these pins are programmed to inputs by setting the appropriate TRISB bits. Pull-up resistors must be provided externally to the SCL and SDA pins for proper operation of the I2C module. 13.12 Slave Mode In Slave mode, the SCL and SDA pins must be configured as inputs (TRISB<6,4> are set). The SSP module will override the input state with the output data when required (slave-transmitter). When an address is matched, or the data transfer after an address match is received, the hardware automatically will generate the Acknowledge (ACK) pulse, and then load the SSPBUF register with the received value currently in the SSPSR register. There are certain conditions that will cause the SSP module not to give this ACK pulse. They include (either or both): a) The Buffer Full bit BF of the SSPSTAT register was set before the transfer was received. b) The overflow bit SSPOV of the SSPCON register was set before the transfer was received. In this case, the SSPSR register value is not loaded into the SSPBUF, but bit SSPIF of the PIR1 register is set. Table 13-3 shows the results of when a data transfer byte is received, given the status of bits BF and SSPOV. The shaded cells show the condition where user software did not properly clear the overflow condition. Flag bit BF is cleared by reading the SSPBUF register, while bit SSPOV is cleared through software. The SCL clock input must have a minimum high and low for proper operation. For high and low times of the I2C specification, as well as the requirements of the SSP module, see Section 17.0 “Electrical Specifications”. Read Write SSPSR Reg Match Detect SSPADD Reg Start and Stop bit Detect SSPBUF Reg Internal Data Bus Addr Match Set, Reset S, P bits (SSPSTAT Reg) RB6/ RB4/ Shift Clock MSb AN10/ LSb SDI/SDA SCL SCK/ SSPMSK Reg |