| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913-I/ML bảng dữ liệu(PDF) 124 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913-I/ML bảng dữ liệu(HTML) 124 Page - Microchip Technology |
|
124 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 122 © 2007 Microchip Technology Inc. FIGURE 9-2: AUSART RECEIVE BLOCK DIAGRAM The operation of the AUSART module is controlled through two registers: • Transmit Status and Control (TXSTA) • Receive Status and Control (RCSTA) These registers are detailed in Register 9-1 and Register 9-2 respectively. RX/DT pin Pin Buffer and Control SPEN Data Recovery CREN OERR FERR RSR Register MSb LSb RX9D RCREG Register FIFO Interrupt RCIF RCIE Data Bus 8 Stop START (8) 7 1 0 RX9 • • • SPBRG FOSC ÷ n n + 1 Multiplier x4 x16 x64 SYNC 100 BRGH x10 Baud Rate Generator |