công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2012A-20E/P bảng dữ liệu(PDF) 83 Page - Microchip Technology

tên linh kiện DSPIC30F2012A-20E/P
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/P bảng dữ liệu(HTML) 83 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/P Datasheet HTML 79Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 80Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 81Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 82Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 83Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 84Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 85Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 86Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 81
dsPIC30F2011/2012/3012/3013
11.0
INPUT CAPTURE MODULE
This section describes the input capture module and
associated operational modes. The features provided
by this module are useful in applications requiring fre-
quency (period) and pulse measurement.
Figure 11-1 depicts a block diagram of the input cap-
ture module. Input capture is useful for such modes as:
• Frequency/Period/Pulse Measurements
• Additional Sources of External Interrupts
Important operational features of the input capture
module are:
• Simple Capture Event mode
• Timer2 and Timer3 mode selection
• Interrupt on input capture event
These operating modes are determined by setting the
appropriate bits in the IC1CON and IC2CON registers.
The dsPIC30F2011/2012/3012/3013 devices have two
capture channels.
11.1
Simple Capture Event Mode
The simple capture events in the dsPIC30F product
family are:
• Capture every falling edge
• Capture every rising edge
• Capture every 4th rising edge
• Capture every 16th rising edge
• Capture every rising and falling edge
These simple Input Capture modes are configured by
setting the appropriate bits, ICM<2:0> (ICxCON<2:0>).
11.1.1
CAPTURE PRESCALER
There are four input capture prescaler settings speci-
fied by bits ICM<2:0> (ICxCON<2:0>). Whenever the
capture channel is turned off, the prescaler counter is
cleared. In addition, any Reset clears the prescaler
counter.
FIGURE 11-1:
INPUT CAPTURE MODE BLOCK DIAGRAM
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046).
ICxBUF
Prescaler
ICx pin
ICM<2:0>
Mode Select
3
Note:
Where ‘x’ is shown, reference is made to the registers or bits associated to the respective input capture
channel (1 or 2).
10
Set Flag
ICxIF
ICTMR
T2_CNT
T3_CNT
Edge
Detection
Logic
Clock
Synchronizer
1, 4, 16
From GP Timer Module
16
16
FIFO
R/W
Logic
ICI<1:0>
ICBNE, ICOV
ICxCON
Interrupt
Logic
Set Flag
ICxIF
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com