công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2012A-20E/P bảng dữ liệu(PDF) 55 Page - Microchip Technology

tên linh kiện DSPIC30F2012A-20E/P
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/P bảng dữ liệu(HTML) 55 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/P Datasheet HTML 51Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 52Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 53Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 54Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 55Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 56Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 57Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 58Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 53
dsPIC30F2011/2012/3012/3013
6.0
DATA EEPROM MEMORY
The data EEPROM memory is readable and writable
during normal operation over the entire VDD range. The
data EEPROM memory is directly mapped in the
program memory address space.
The four SFRs used to read and write the program
Flash memory are used to access data EEPROM
memory, as well. As described in Section 5.5 “Control
Registers”, these registers are:
•NVMCON
• NVMADR
• NVMADRU
• NVMKEY
The EEPROM data memory allows read and write of
single words and 16-word blocks. When interfacing to
data memory, NVMADR, in conjunction with the
NVMADRU
register,
are
used
to
address
the
EEPROM location being accessed. TBLRDL and
TBLWTL
instructions are used to read and write data
EEPROM. The dsPIC30F devices have up to 8 Kbytes
(4K words) of data EEPROM with an address range
from 0x7FF000 to 0x7FFFFE.
A word write operation should be preceded by an erase
of the corresponding memory location(s). The write typ-
ically requires 2 ms to complete, but the write time
varies with voltage and temperature.
A program or erase operation on the data EEPROM
does not stop the instruction flow. The user is respon-
sible for waiting for the appropriate duration of time
before initiating another data EEPROM write/erase
operation. Attempting to read the data EEPROM while
a programming or erase operation is in progress results
in unspecified data.
Control bit WR initiates write operations similar to pro-
gram Flash writes. This bit cannot be cleared, only set,
in software. They are cleared in hardware at the com-
pletion of the write operation. The inability to clear the
WR bit in software prevents the accidental or
premature termination of a write operation.
The WREN bit, when set, allows a write operation. On
power-up, the WREN bit is clear. The WRERR bit is set
when a write operation is interrupted by a MCLR Reset
or a WDT Time-out Reset during normal operation. In
these situations, following Reset, the user can check
the WRERR bit and rewrite the location. The address
register NVMADR remains unchanged.
6.1
Reading the Data EEPROM
A TBLRD instruction reads a word at the current pro-
gram word address. This example uses W0 as a
pointer to data EEPROM. The result is placed in
register W4 as shown in Example 6-1.
EXAMPLE 6-1:
DATA EEPROM READ
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual“ (DS70157).
Note:
Interrupt flag bit NVMIF in the IFS0 regis-
ter is set when write is complete. It must be
cleared in software.
MOV
#LOW_ADDR_WORD,W0
; Init Pointer
MOV
#HIGH_ADDR_WORD,W1
MOV
W1,TBLPAG
TBLRDL
[ W0 ], W4
; read data EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com