| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ12GP201E/P bảng dữ liệu(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/P bảng dữ liệu(HTML) 79 Page - Microchip Technology |
|
79 / 234 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70282B-page 77 PIC24HJ12GP201/202 7.0 OSCILLATOR CONFIGURATION The PIC24HJ12GP201/202 oscillator system provides: • External and internal oscillator options as clock sources • An on-chip PLL to scale the internal operating frequency to the required system clock frequency • An internal FRC oscillator that can also be used with the PLL, thereby allowing full-speed operation without any external clock generation hardware • Clock switching between various clock sources • Programmable clock postscaler for system power savings • A Fail-Safe Clock Monitor (FSCM) that detects clock failure and takes fail-safe measures • A Clock Control register (OSCCON) • Nonvolatile Configuration bits for main oscillator selection. A simplified diagram of the oscillator system is shown in Figure 7-1. FIGURE 7-1: PIC24HJ12GP201/202 OSCILLATOR SYSTEM DIAGRAM Note: This data sheet summarizes the features of the PIC24HJ12GP201/202 devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “PIC24H Family Reference Manual”. Please see the Microchip web site (www.microchip.com) for the latest PIC24H Family Reference Manual chapters. PIC24H Secondary Oscillator LPOSCEN SOSCO SOSCI Timer 1 OSCI OSCO Primary Oscillator XTPLL, HSPLL, XT, HS, EC FRCDIV<2:0> WDT, PWRT, FSCM FRCDIVN SOSC FRCDIV16 ECPLL, FRCPLL NOSC<2:0> FNOSC<2:0> Reset FRC Oscillator LPRC Oscillator DOZE<2:0> S3 S1 S2 S1/S3 S7 S6 FRC LPRC S0 S5 S4 ÷16 Clock Switch S7 Clock Fail ÷ 2 TUN<5:0> PLL(1) FCY FOSC Note 1: See Figure 7-2 for PLL details |