| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ12GP201E/P bảng dữ liệu(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/P bảng dữ liệu(HTML) 31 Page - Microchip Technology |
|
31 / 234 page ![]() TABLE 3-16: PORTA REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISA 02C0 — — — — — — — — — — — TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 001F PORTA 02C2 — — — — — — — — — — — RA4 RA3 RA2 RA1 RA0 xxxx LATA 02C4 — — — — — — — — — — — LATA4 LATA3 LATA2 LATA1 LATA0 xxxx ODCA 02C6 — — — — — — — — — — — ODCA4 ODCA3 ODCA2 ODCA1 ODCA0 xxxx Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 3-17: PORTB REGISTER MAP FOR PIC24HJ12GP202 File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISB 02C8 TRISB15 TRISB14 TRISB13 TRISB12 TRISB11 TRISB10 TRISB9 TRISB8 TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 FFFF PORTB 02CA RB15 RB14 RB13 RB12 RB11 RB10 RB9 RB8 RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 xxxx LATB 02CC LATB15 LATB14 LATB13 LATB12 LATB11 LATB10 LATB9 LATB8 LATB7 LATB6 LATB5 LATB4 LATB3 LATB2 LATB1 LATB0 xxxx ODCB 02CE ODCB15 ODCB14 ODCB13 ODCB12 ODCB11 ODCB10 ODCB9 ODCB8 ODCB7 ODCB6 ODCB5 ODCB4 ODCB3 ODCB2 ODCB1 ODCB0 xxxx Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 3-18: PORTB REGISTER MAP FOR PIC24HJ12GP201 File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISB 02C8 TRISB15 TRISB14 — — — — TRISB9 TRISB8 TRISB7 — — TRISB4 — — TRISB1 TRISB0 C393 PORTB 02CA RB15 RB14 — — — —RB9 RB8 RB7 — —RB4 — —RB1 RB0 xxxx LATB 02CC LATB15 LATB14 — — — — LATB9 LATB8 LATB7 — —LATB4 — —LATB1 LATB0 xxxx ODCB 02CE ODCB15 ODCB14 — — — — ODCB9 ODCB8 ODCB7 — — ODCB4 — — ODCB1 ODCB0 xxxx Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 3-19: SYSTEM CONTROL REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets RCON 0740 TRAPR IOPUWR — — — — CM VREGS EXTR SWR SWDTEN WDTO SLEEP IDLE BOR POR xxxx(1) OSCCON 0742 —COSC<2:0> — NOSC<2:0> CLKLOCK IOLOCK LOCK —CF — LPOSCEN OSWEN 0300(2) CLKDIV 0744 ROI DOZE<2:0> DOZEN FRCDIV<2:0> PLLPOST<1:0> — PLLPRE<4:0> 0040 PLLFBD 0746 — — — — — — — PLLDIV<8:0> 0030 OSCTUN 0748 — — — — — — — — — — TUN<5:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: RCON register Reset values dependent on type of Reset. 2: OSCCON register Reset values dependent on the FOSC Configuration bits and by type of Reset. |