công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F010-I/MC bảng dữ liệu(PDF) 92 Page - Microchip Technology

tên linh kiện PIC16F010-I/MC
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MC bảng dữ liệu(HTML) 92 Page - Microchip Technology

Back Button PIC16F010-I/MC Datasheet HTML 88Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 89Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 90Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 91Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 92Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 93Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 94Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 95Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
PIC12F510/16F506
DS41268C-page 90
Preliminary
© 2007 Microchip Technology Inc.
TABLE 13-4:
A/D CONVERTER CHARACTERISTICS (PIC12F510)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
8 bits
bit
A03
EIL
Integral Error
—
—
± 1
LSb
VDD = 5.0V
A04
EDL
Differential Error
—
—
-1 < EDL
≤ 1
LSb
No missing codes to 8
bits VDD = 5.0V
A05
EFS
Full-scale Range
2
—
5.5*
V
VDD
A06
EOFF
Offset Error
—
—
± 1
LSb
VDD = 5.0V
A07
EGN
Gain Error
—
—
± 1
LSb
VDD = 5.0V
A10
—
Monotonicity
—
guaranteed(2)
——
VSS
≤ VAIN ≤ VDD
A25
VAIN
Analog Input Voltage
VSS
—VDD
V
A30
ZAIN
Recommended Impedance
of Analog Voltage Source
——
10
k
Ω
*
These parameters are characterized but not tested.
† Data in the “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only are not tested.
Note 1:
Total Absolute Error includes integral, differential, offset and gain errors.
2:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
3:
When A/D is off, it will not consume any current other than leakage current. The power-down current
specification includes any such leakage from the A/D module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com