công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F010-I/MC bảng dữ liệu(PDF) 85 Page - Microchip Technology

tên linh kiện PIC16F010-I/MC
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MC bảng dữ liệu(HTML) 85 Page - Microchip Technology

Back Button PIC16F010-I/MC Datasheet HTML 81Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 82Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 83Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 84Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 85Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 86Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 87Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 88Page - Microchip Technology PIC16F010-I/MC Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 83
PIC12F510/16F506
13.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Ambient temperature under bias.......................................................................................................... -40°C to +125°C
Storage temperature ............................................................................................................................ -65°C to +150°C
Voltage on VDD with respect to VSS ............................................................................................................... 0 to +7.0V
Voltage on MCLR with respect to VSS............................................................................................................. 0 to +14V
Voltage on all other pins with respect to VSS ............................................................................... -0.3V to (VDD + 0.3V)
Total power dissipation(1) .................................................................................................................................. 700 mW
Max. current out of VSS pin ................................................................................................................................ 200 mA
Max. current into VDD pin ................................................................................................................................... 150 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
...................................................................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
...........................................................................................................±20 mA
Max. output current sunk by any I/O pin .............................................................................................................. 25 mA
Max. output current sourced by any I/O pin ......................................................................................................... 25 mA
Max. output current sourced by I/O port ............................................................................................................ 100 mA
Max. output current sunk by I/O port ................................................................................................................. 100 mA
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
†NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com