| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COP8SCE9HMT7 bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SCE9HMT7 bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 70 page ![]() AC Electrical Characteristics (0˚C ≤ T A ≤ +70˚C) (Continued) Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. Parameter Conditions Min Typ Max Units Input Pulse Width Interrupt Input High Time 1 t C Interrupt Input Low Time 1 t C Timer 1 Input High Time 1 t C Timer 1 Input Low Time 1 t C Timer 2 Input High Time (Note 6) 1 MCLK or t C Timer 2 Input Low Time (Note 6) 1 MCLK or t C Output Pulse Width Timer 2 Output High Time 150 ns Timer 2 Output Low Time 150 ns USART Bit Time when using External CKX 6 CKI periods USART CKX Frequency when being Driven by Internal Baud Rate Generator 2 MHz Reset Pulse Width 1 t C tC = instruction cycle time. Note 2: Maximum rate of voltage change must be < 0.5 V/ms. Note 3: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC and outputs driven low but not connected to a load. Note 4: The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with A. B, G0, G2–G5, H and L programmed as low outputs and not driving a load; all inputs tied to VCC; A/D converter and clock monitor and BOR disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Note 5: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). These two pins will not latch up. The voltage at the pins must be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning excludes ESD transients. Note 6: If timer is in high speed mode, the minimum time is 1 MCLK. If timer is not in high speed mode, the minimum time is 1 tC. Note 7: Absolute Maximum Ratings should not be exceeded. Note 8: Vcc must be valid and stable before G6 is raised to a high voltage. www.national.com 9 |