công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F628A-E/SS bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện PIC16F628A-E/SS
Giải thích chi tiết về linh kiện  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 10Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 11Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 12Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 13Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 14Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 15Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 16Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 17Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 12
© 2007 Microchip Technology Inc.
RB4/PGM
RB4
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change.
Can be software programmed for internal
weak pull-up.
PGM
ST
—
Low-voltage programming input pin. When
low-voltage programming is enabled, the
interrupt-on-pin change and weak pull-up
resistor are disabled.
RB5
RB5
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change.
Can be software programmed for internal
weak pull-up.
RB6/T1OSO/T1CKI/PGC
RB6
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change.
Can be software programmed for internal
weak pull-up.
T1OSO
—
XTAL
Timer1 oscillator output
T1CKI
ST
—
Timer1 clock input
PGC
ST
—
ICSP™ programming clock
RB7/T1OSI/PGD
RB7
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change.
Can be software programmed for internal
weak pull-up.
T1OSI
XTAL
—
Timer1 oscillator input
PGD
ST
CMOS
ICSP data I/O
VSS
VSS
Power
—
Ground reference for logic and I/O pins
VDD
VDD
Power
—
Positive supply for logic and I/O pins
TABLE 3-2:
PIC16F627A/628A/648A PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input Type Output Type
Description
Legend:
O = Output
CMOS = CMOS Output
P
= Power
— = Not used
I
= Input
ST = Schmitt Trigger Input
TTL = TTL Input
OD
= Open Drain Output
AN = Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More