công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F628A-E/SS bảng dữ liệu(PDF) 83 Page - Microchip Technology

tên linh kiện PIC16F628A-E/SS
Giải thích chi tiết về linh kiện  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/SS bảng dữ liệu(HTML) 83 Page - Microchip Technology

Back Button PIC16F628A-E/SS Datasheet HTML 79Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 80Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 81Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 82Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 83Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 84Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 85Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 86Page - Microchip Technology PIC16F628A-E/SS Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 81
PIC16F627A/628A/648A
FIGURE 12-5:
ASYNCHRONOUS RECEPTION WITH ADDRESS DETECT
FIGURE 12-6:
ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST
FIGURE 12-7:
ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST FOLLOWED BY
VALID DATA BYTE
Start
bit
bit 1
bit 0
bit 8
bit 0
Stop
bit
Start
bit
bit 8
Stop
bit
RB1/RX/DT (Pin)
RCV Buffer Reg
RCV Shift Reg
Read RCV
Buffer Reg
RCREG
RCIF
(interrupt flag)
Word 1
RCREG
bit 8 = 0, Data Byte
bit 8 = 1, Address Byte
ADEN = 1
(Address Match
Enable)
‘1’
‘1’
Note:
This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG
(Receive Buffer) because ADEN = 1 and bit 8 = 0.
Start
bit
bit 1
bit 0
bit 8
bit 0
Stop
bit
Start
bit
bit 8
Stop
bit
RB1/RX/DT (pin)
RCV Buffer Reg
RCV Shift Reg
Read RCV
Buffer Reg
RCREG
RCIF
(Interrupt Flag)
Word 1
RCREG
bit 8 = 1, Address Byte
bit 8 = 0, Data Byte
ADEN = 1
(Address Match
Enable)
‘1’
‘1’
Note:
This timing diagram shows an address byte followed by an data byte. The data byte is not read into the RCREG
(receive buffer) because ADEN was not updated (still = 1) and bit 8 = 0.
Start
bit
bit 1
bit 0
bit 8
bit 0
Stop
bit
Start
bit
bit 8
Stop
bit
RB1/RX/DT (pin)
Reg
RCV Buffer Reg
RCV Shift
Read RCV
Buffer Reg
RCREG
RCIF
(Interrupt Flag)
Word 2
RCREG
bit 8 = 1, Address Byte
bit 8 = 0, Data Byte
ADEN
(Address Match
Enable)
Word 1
RCREG
Note:
This timing diagram shows an address byte followed by an data byte. The data byte is read into the RCREG
(Receive Buffer) because ADEN was updated after an address match, and was cleared to a ‘0’, so the contents
of the Receive Shift Register (RSR) are read into the Receive Buffer regardless of the value of bit 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com