| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F946-E/MLQTP bảng dữ liệu(PDF) 325 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F946-E/MLQTP bảng dữ liệu(HTML) 325 Page - Microchip Technology |
|
325 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 323 PIC16F917/916/914/913 Registers..................................................................... 62 TRISC Register................................................................... 62 TRISD Registers..................................................................... 71 TRISD Register................................................................... 71 TRISE Registers..................................................................... 76 TRISE Register ................................................................... 76 TRISF Registers..................................................................... 81 TRISF Register ................................................................... 81 TRISG Registers..................................................................... 84 TRISG Register................................................................... 84 Two-Speed Clock Start-up Mode ........................................ 95 TXREG.............................................................................. 123 TXSTA Register ................................................................ 130 BRGH Bit .................................................................. 132 U UA ..................................................................................... 194 Update Address bit, UA .................................................... 194 USART Synchronous Master Mode Requirements, Synchronous Receive .............. 275 Requirements, Synchronous Transmission ...... 275 Timing Diagram, Synchronous Receive ........... 275 Timing Diagram, Synchronous Transmission ... 275 V Voltage Reference. See Comparator Voltage Reference (CVREF) Voltage References Associated registers.................................................. 119 VREF. SEE ADC Reference Voltage W Wake-up Using Interrupts ................................................. 236 Watchdog Timer (WDT) .................................................... 234 Associated Registers ................................................ 235 Clock Source............................................................. 234 Modes ....................................................................... 234 Period........................................................................ 234 Specifications............................................................ 269 WCOL bit .......................................................................... 195 WDTCON Register ........................................................... 235 WPUB Register................................................................... 55 Write Collision Detect bit (WCOL)..................................... 195 WWW Address.................................................................. 325 WWW, On-Line Support ..................................................... 13 |