| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F946-E/MLQTP bảng dữ liệu(PDF) 307 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F946-E/MLQTP bảng dữ liệu(HTML) 307 Page - Microchip Technology |
|
307 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 305 PIC16F913/914/916/917/946 21.0 PACKAGING INFORMATION 21.1 Package Marking Information 3 e 3 e * Standard PIC® device marking consists of Microchip part number, year code, week code and traceability code. For PIC® device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. 40-Lead PDIP XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN Example PIC16F914 0710017 Example 28-Lead QFN XXXXXXXX XXXXXXXX YYWWNNN 16F916 -I/ML 0710017 28-Lead SPDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example PIC16F913 0710017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e -I/SP -I/P 3 e |