| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F946-E/MLQTP bảng dữ liệu(PDF) 202 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F946-E/MLQTP bảng dữ liệu(HTML) 202 Page - Microchip Technology |
|
202 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 200 © 2007 Microchip Technology Inc. FIGURE 14-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 14-6: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 Cycle after Q2 ↓ SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 Cycle after Q2 ↓ |