| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F16-E/P bảng dữ liệu(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-E/P bảng dữ liệu(HTML) 51 Page - Microchip Technology |
|
51 / 136 page ![]() © 2007 Microchip Technology Inc. DS41206B-page 49 PIC16F716 TABLE 8-2: REGISTERS ASSOCIATED WITH CAPTURE Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CCPR1L Capture/Compare/PWM Register 1 (LSB) xxxx xxxx xxxx xxxx CCPR1H Capture/Compare/PWM Register 1 (MSB) xxxx xxxx xxxx xxxx CCP1CON P1M1 P1M0 DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 0000 0000 0000 0000 INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000x PIE1 — ADIE — — — CCP1IE TMR2IE TMR1IE -0-- -000 -0-- -000 PIR1 — ADIF — — — CCP1IF TMR2IF TMR1IF -0-- -000 -0-- -000 PR2 Timer2 Period Register 1111 1111 1111 1111 TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx xxxx xxxx TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx xxxx xxxx TMR2 Timer2 module’s register 0000 0000 0000 0000 TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 1111 1111 1111 1111 Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture. |