| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F16-E/P bảng dữ liệu(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-E/P bảng dữ liệu(HTML) 35 Page - Microchip Technology |
|
35 / 136 page ![]() © 2007 Microchip Technology Inc. DS41206B-page 33 PIC16F716 TABLE 5-1: SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000x PIE1 — ADIE — — — CCP1IE TMR2IE TMR1IE -0-- -000 -0-- -000 PIR1 — ADIF — — — CCP1IF TMR2IF TMR1IF -0-- -000 -0-- -000 TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu T1CON — — T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module. |