| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F683-E/MF bảng dữ liệu(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/MF bảng dữ liệu(HTML) 98 Page - Microchip Technology |
|
98 / 176 page ![]() PIC12F683 DS41211D-page 96 © 2007 Microchip Technology Inc. 12.6 Watchdog Timer (WDT) The WDT has the following features: • Operates from the LFINTOSC (31 kHz) • Contains a 16-bit prescaler • Shares an 8-bit prescaler with Timer0 • Time-out period is from 1 ms to 268 seconds • Configuration bit and software controlled WDT is cleared under certain conditions described in Table 12-7. 12.6.1 WDT OSCILLATOR The WDT derives its time base from the 31 kHz LFINTOSC. The LTS bit of the OSCCON register does not reflect that the LFINTOSC is enabled. The value of WDTCON is ‘---0 1000’ on all Resets. This gives a nominal time base of 17 ms. 12.6.2 WDT CONTROL The WDTE bit is located in the Configuration Word register. When set, the WDT runs continuously. When the WDTE bit in the Configuration Word register is set, the SWDTEN bit of the WDTCON register has no effect. If WDTE is clear, then the SWDTEN bit can be used to enable and disable the WDT. Setting the bit will enable it and clearing the bit will disable it. The PSA and PS<2:0> bits of the OPTION register have the same function as in previous versions of the PIC12F683 Family of microcontrollers. See Section 5.0 “Timer0 Module” for more information. FIGURE 12-9: WATCHDOG TIMER BLOCK DIAGRAM TABLE 12-7: WDT STATUS Note: When the Oscillator Start-up Timer (OST) is invoked, the WDT is held in Reset, because the WDT Ripple Counter is used by the OST to perform the oscillator delay count. When the OST count has expired, the WDT will begin counting (if enabled). Conditions WDT WDTE = 0 Cleared CLRWDT Command Oscillator Fail Detected Exit Sleep + System Clock = T1OSC, EXTRC, INTRC, EXTCLK Exit Sleep + System Clock = XT, HS, LP Cleared until the end of OST 31 kHz PSA 16-bit WDT Prescaler From Timer0 Clock Source Prescaler(1) 8 PS<2:0> PSA WDT Time-out To Timer0 WDTPS<3:0> WDTE from Configuration Word register 1 1 0 0 SWDTEN from WDTCON LFINTOSC Clock Note 1: This is the shared Timer0/WDT prescaler. See Section 5.0 “Timer0 Module” for more information. |