| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F683-E/MF bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/MF bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 176 page ![]() PIC12F683 DS41211D-page 38 © 2007 Microchip Technology Inc. 4.2.5.4 GP3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The GP3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up FIGURE 4-4: BLOCK DIAGRAM OF GP3 4.2.5.5 GP4/AN3/T1G/OSC2/CLKOUT Figure 4-5 shows the diagram for this pin. The GP4 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a Timer1 gate input • a crystal/resonator connection • a clock output FIGURE 4-5: BLOCK DIAGRAM OF GP4 Input VSS D Q CK Q D EN Q Data RD GPIO RD WR IOC RD Reset MCLRE RD VSS D EN Q MCLRE VDD Weak MCLRE Interrupt-on- change pin GPIO IOC Bus TRISIO Q3 I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog Input Mode Data WR WPU RD WPU RD GPIO WR GPIO WR TRISIO RD TRISIO WR IOC RD IOC FOSC/4 To A/D Converter Oscillator Circuit OSC1 CLKOUT 0 1 CLKOUT Enable Enable Analog Input Mode GPPU RD GPIO To T1G INTOSC/ RC/EC(2) CLK(1) Modes CLKOUT Enable Note 1: CLK modes are XT, HS, LP, optional LP oscillator and CLKOUT Enable. 2: With CLKOUT option. Interrupt-on- change Bus Q3 |