công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SOSQTP bảng dữ liệu(PDF) 125 Page - Microchip Technology

tên linh kiện PIC16F16-I/SOSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SOSQTP bảng dữ liệu(HTML) 125 Page - Microchip Technology

Back Button PIC16F16-I/SOSQTP Datasheet HTML 121Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 122Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 123Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 124Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 125Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 126Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 123
PIC16F716
18-Lead Plastic Small Outline (SO) – Wide, 7.50 mm Body [SOIC]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. § Significant Characteristic.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
18
Pitch
e
1.27 BSC
Overall Height
A
–
–
2.65
Molded Package Thickness
A2
2.05
–
–
Standoff §
A1
0.10
–
0.30
Overall Width
E
10.30 BSC
Molded Package Width
E1
7.50 BSC
Overall Length
D
11.55 BSC
Chamfer (optional)
h
0.25
–
0.75
Foot Length
L
0.40
–
1.27
Footprint
L1
1.40 REF
Foot Angle
φ
0°
–
8°
Lead Thickness
c
0.20
–
0.33
Lead Width
b
0.31
–
0.51
Mold Draft Angle Top
α
5°
–
15°
Mold Draft Angle Bottom
β
5°
–
15°
NOTE 1
D
N
E
E1
e
b
1 2 3
A
A1
A2
L
L1
h
h
c
β
φ
α
Microchip Technology Drawing C04-051B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com