công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SOSQTP bảng dữ liệu(PDF) 98 Page - Microchip Technology

tên linh kiện PIC16F16-I/SOSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SOSQTP bảng dữ liệu(HTML) 98 Page - Microchip Technology

Back Button PIC16F16-I/SOSQTP Datasheet HTML 94Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 95Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 96Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 97Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 101Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
PIC16F716
DS41206B-page 96
© 2007 Microchip Technology Inc.
12.4
DC Characteristics: PIC16F716 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC spec Section 12.1 “DC Charac-
teristics: PIC16F716 (Industrial, Extended)” and Section 12.4 “DC Character-
istics: PIC16F716 (Industrial, Extended)”.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
D030A
with TTL buffer
VSS
VSS
—
—
0.8
0.15 VDD
V
V
4.5V
≤ VDD ≤ 5.5V
otherwise
D031
with Schmitt Trigger buffer
VSS
—
0.2 VDD
V
D032
MCLR, OSC1 (in RC mode)
VSS
—
0.2 VDD
V
D033
OSC1 (in HS mode)
OSC1 (in XT and LP modes)
VSS
VSS
—
—
0.3 VDD
0.6
V
V
(Note1)
Input High Voltage
VIH
I/O ports
—
D040
with TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25 VDD +
0.8V
—VDD
V
otherwise
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V
For entire VDD range
D042
MCLR
0.8 VDD
—VDD
V
D042A
OSC1 (XT, HS and LP modes)
0.7 VDD
—VDD
V
(Note1)
D043
OSC1 (in RC mode)
0.9 VDD
—VDD
V
Input Leakage Current(2), (3)
D060
IIL
I/O ports
—
—
—
—
±1
±500
μA
nA
Vss
≤ VPIN ≤ VDD, Pin at
high-impedance
Vss
≤ VPIN ≤ VDD, Pin configured as
analog input
D061
MCLR, RA4/T0CKI
—
—
±5
μA Vss ≤ VPIN ≤ VDD
D063
OSC1/CLKIN
—
—
±5
μA Vss ≤ VPIN ≤ VDD, XT, HS and LP osc
modes
D070
IPURB
PORTB weak pull-up current
50
250
400
μAVDD = 5V, VPIN = VSS
Output Low Voltage
D080
VOL
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V, -40
°C to
+85
°C
——
0.6
V
IOL = 7.0 mA, VDD = 4.5V, -40
°C to
+125
°C
D083
OSC2/CLKOUT (RC Osc mode)
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V, -40
°C to
+85
°C
——
0.6
V
IOL = 1.2 mA, VDD = 4.5V, -40
°C to
+125
°C
Output High Voltage
D090
VOH
I/O ports(3)
VDD-0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V, -40
°C to
+85
°C
VDD-0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V, -40
°C to
+125
°C
D092
OSC2/CLKOUT (RC Osc mode)
VDD-0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V, -40
°C to
+85
°C
VDD-0.7
—
—
V
IOH = -1.0 mA, VDD = 4.5V, -40
°C to
+125
°C
D150*
VOD
Open-Drain High Voltage
—
—
8.5
V
RA4 pin
Capacitive Loading Specs on Output Pins
D100
COSC2 OSC2/CLKOUT pin
—
—
15
pF
In XT, HS and LP modes when external
clock is used to drive OSC1.
D101
CIO
All I/O pins and OSC2 (in RC mode)
—
—
50
pF
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In RC Oscillator mode, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC® be driven with
external clock in RC mode.
2:
The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com