công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SOSQTP bảng dữ liệu(PDF) 96 Page - Microchip Technology

tên linh kiện PIC16F16-I/SOSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SOSQTP bảng dữ liệu(HTML) 96 Page - Microchip Technology

Back Button PIC16F16-I/SOSQTP Datasheet HTML 92Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 93Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 94Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 95Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 96Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 97Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 136 page
background image
PIC16F716
DS41206B-page 94
© 2007 Microchip Technology Inc.
12.2
DC Characteristics: PIC16F716 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C
Param
No.
Sym
Characteristic
Min
Typ† Max Units VDD
Conditions
VDD
Supply Voltage
D001
2.0
—
5.5
V
—
D010
IDD
Supply Current
—14
17
μA2.0 FOSC = 32 kHz
LP Oscillator mode
—23
28
μA3.0
—45
63.7
μA5.0
D011
—
120
160
μA2.0 FOSC = 1 MHz
XT Oscillator mode
—
180
250
μA3.0
—
290
370
μA5.0
D012
—
220
300
μA2.0 FOSC = 4 MHz
XT Oscillator mode
—
350
470
μA3.0
—
600
780
μA5.0
D013
—
2.1
2.9
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—
2.5
3.3
mA
5.0
D020
IPD
Power-down Base Current
—0.1
0.8
μA
2.0
WDT, BOR and T1OSC:
disabled
—
0.1
0.85
μA3.0
—0.2
2.7
μA5.0
Peripheral Module Current(1)
D021
—1
2.0
μA
2.0
WDT Current
—2
3.5
μA3.0
—9
13.5
μA5.0
D022
—37
50
μA
3.0
BOR Current
—40
55
μA4.5
—45
60
μA5.0
D025
—
1.8
6
μA2.0 T1OSC Current
—2.6
7.5
μA3.0
—3.0
9
μA5.0
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral “
Δ” current can be determined by subtracting the base IDD or IPD
current from this limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com