công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SOSQTP bảng dữ liệu(PDF) 104 Page - Microchip Technology

tên linh kiện PIC16F16-I/SOSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SOSQTP bảng dữ liệu(HTML) 104 Page - Microchip Technology

Back Button PIC16F16-I/SOSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 101Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 102Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 105Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 106Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 107Page - Microchip Technology PIC16F16-I/SOSQTP Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 136 page
background image
PIC16F716
DS41206B-page 102
© 2007 Microchip Technology Inc.
FIGURE 12-8:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS(1)
TABLE 12-5:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
40*
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
Must also meet
parameter 42
With Prescaler
10
—
—
ns
41*
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
Must also meet
parameter 42
With Prescaler
10
—
—
ns
42*
Tt0P
T0CKI Period
No Prescaler
TCY + 40
—
—
ns
With Prescaler
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale
value
(2, 4,..., 256)
45*
Tt1H
T1CKI High Time Synchronous, Prescaler = 1
0.5TCY + 20
—
—
ns
Must also meet
parameter 47
Synchronous,
Prescaler =
2,4,8
Standard
15
—
—
ns
Asynchronous Standard
30
—
—
ns
46*
Tt1L
T1CKI Low Time Synchronous, Prescaler = 1
0.5TCY + 20
—
—
ns
Must also meet
parameter 47
Synchronous,
Prescaler =
2,4,8
Standard
15
—
—
ns
Asynchronous Standard
30
—
—
ns
47*
Tt1P
T1CKI input
period
Synchronous
Standard
Greater of:
30 OR TCY + 40
N
—
—
ns
N = prescale
value (1, 2, 4, 8)
Asynchronous Standard
60
—
—
ns
Ft1
Timer1 oscillator input frequency range
(oscillator enabled by setting bit T1OSCEN)
32.768
—
32.768 kHz
48*
TCKEZtmr1 Delay from external clock edge to timer increment
2Tosc
—
7Tosc
—
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Refer to Figure 12-3 for load conditions.
46
47
45
48
41
42
40
T0CKI
T1OSO/T1CKI
TMR0 or
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com