| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685 bảng dữ liệu(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685 bảng dữ liệu(HTML) 75 Page - Microchip Technology |
|
75 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 73 PIC16F631/677/685/687/689/690 4.4.3.3 RB6/SCK/SCL Figure 4-9 shows the diagram for this pin. The RB6/SCK/SCL(1) pin is configurable to function as one of the following: • a general purpose I/O • a SPI clock •an I2C™ clock FIGURE 4-9: BLOCK DIAGRAM OF RB6 Note 1: SCK and SCL are available on PIC16F677/PIC16F687/PIC16F689/ PIC16F690 only. I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUB RD WPUB RD PORTB RD PORTB WR PORTB WR TRISB RD TRISB WR IOCB RD IOCB Interrupt-on- To SSPSR RABPU Change Q3 SSPEN ST 0 1 1 0 Available on PIC16F677/PIC16F687/PIC16F689/PIC16F690 only. 0 1 1 0 From SSP SSP Clock |