công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685 bảng dữ liệu(PDF) 67 Page - Microchip Technology

tên linh kiện PIC16F685
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 bảng dữ liệu(HTML) 67 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 63Page - Microchip Technology PIC16F685 Datasheet HTML 64Page - Microchip Technology PIC16F685 Datasheet HTML 65Page - Microchip Technology PIC16F685 Datasheet HTML 66Page - Microchip Technology PIC16F685 Datasheet HTML 67Page - Microchip Technology PIC16F685 Datasheet HTML 68Page - Microchip Technology PIC16F685 Datasheet HTML 69Page - Microchip Technology PIC16F685 Datasheet HTML 70Page - Microchip Technology PIC16F685 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 65
PIC16F631/677/685/687/689/690
4.2.5.2
RA1/AN1/C12IN0-/VREF/ICSPCLK
Figure 4-2 shows the diagram for this pin. The
RA1/AN1/C12IN0-/VREF/ICSPCLK pin is configurable to
function as one of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• an analog input to Comparator C1 or C2
• a voltage reference input for the ADC
• In-Circuit Serial Programming clock
FIGURE 4-2:
BLOCK DIAGRAM OF RA1
4.2.5.3
RA2/AN2/T0CKI/INT/C1OUT
Figure 4-3 shows the diagram for this pin. The
RA2/AN2/T0CKI/INT/C1OUT pin is configurable to
function as one of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• the clock input for TMR0
• an external edge triggered interrupt
• a digital output from Comparator C1
FIGURE 4-3:
BLOCK DIAGRAM OF RA2
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUA
RD
WPUA
RD PORTA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
Interrupt-on-
To Comparator
Analog(1)
Input Mode
RABPU
Analog(1)
Input Mode
Change
Q3
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
To A/D Converter(2)
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Analog(1)
Input Mode
Data Bus
WR
WPUA
RD
WPUA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
To A/D Converter(2)
0
1
C1OUT
C1OUT
Enable
To INT
To TMR0
Analog(1)
Input Mode
RABPU
RD PORTA
Interrupt-on-
Change
Q3
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More