| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DWA-EJS-X2 bảng dữ liệu(PDF) 11 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DWA-EJS-X2 bảng dữ liệu(HTML) 11 Page - DOMINANT Semiconductors |
|
11 / 13 page ![]() 25/06/2007 V5.0 11 Recommended Sn-Pb IR-Reflow Soldering Profile 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183˚C Ramp-up 3˚C/sec max. 235-240˚C 10-30s 60-150s Ramp- down 6˚C/sec max. Preheat 60-120s 360s max Time (sec) Classification Reflow Profile (JEDEC J-STD-020C) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 Classification Reflow Profile (JEDEC J-STD-020C) Ramp-up 3˚C/sec max. 255-260˚C 10-30s 60-150s Ramp- down 6˚C/sec max. Preheat 60-180s 480s max 217˚C Recommended Pb-free Soldering Profile AlInGaP : DWx-EJS DOMINANT TM Semiconductors Innovating Illumination |