công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DWA-EJS-X2 bảng dữ liệu(PDF) 5 Page - DOMINANT Semiconductors

tên linh kiện DWA-EJS-X2
Giải thích chi tiết về linh kiện  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DOMINANT [DOMINANT Semiconductors]
Trang chủ  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWA-EJS-X2 bảng dữ liệu(HTML) 5 Page - DOMINANT Semiconductors

  DWA-EJS-X2 Datasheet HTML 1Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 2Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 3Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 4Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 5Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 6Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 7Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 8Page - DOMINANT Semiconductors DWA-EJS-X2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
25/06/2007 V5.0
5
AlInGaP : DWx-EJS
DOMINANT TM
Semiconductors
Innovating Illumination
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Current Vs Forward Voltage
Forward Current, mA
0
20
40
60
80
1.8
1.9
2
2.1
2.2
2.3
Maximum Current Vs Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
Allowable Forward Current Vs Duty Ratio
Duty Ratio, %
1
10
100
1
10
100
1000
Allowable Forward Current Vs Duty Ratio
(Ta=25 Deg C, Tp<10us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13