công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4011-503E/MS bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện MCP4011-503E/MS
Giải thích chi tiết về linh kiện  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-503E/MS bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button MCP4011-503E/MS Datasheet HTML 31Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 32Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 33Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 34Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 35Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 36Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 37Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 38Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 35
MCP4011/2/3/4
5.2.6
HIGH-VOLTAGE INCREMENT 2
(FOR MCP402X COMPATIBILITY)
This mode is achieved by initializing the U/D pin to a
high state (VIH) prior to the CS pin being driven to VIHH.
Subsequent rising edges of the U/D pin increment the
wiper setting toward terminal A. Set the U/D pin to the
low state (VIL) prior to forcing the CS pin to VIH. This is
shown in Figure 5-6.
After the CS pin is driven to VIH (from VIL), any other
serial command may immediately be entered.
FIGURE 5-6:
High-Voltage Increment 2 (For MCP402X Compatibility).
Note:
This command allows compatibility with
the MCP402X family, which supports
updating of the non-volatile wiper setting
with the WiperLock Technology feature.
Note:
The wiper value will not overflow. That is,
once the wiper value equals 0x3F,
subsequent increment commands are
ignored.
U/D
CS
Wiper
1
2
3
4
X+1
X
X+2
X+3
X+4
VIHH
VIH
VIH
5
6
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com