công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4011-503E/MS bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện MCP4011-503E/MS
Giải thích chi tiết về linh kiện  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-503E/MS bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button MCP4011-503E/MS Datasheet HTML 28Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 29Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 30Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 31Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 32Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 33Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 34Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 35Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 32
© 2006 Microchip Technology Inc.
5.2.3
DECREMENT
This mode is achieved by initializing the U/D pin to a low
state (VIL) prior to achieving a low state (VIL) on the CS
pin. Subsequent rising edges of the U/D pin will
decrement the wiper setting toward terminal B. This is
shown in Figure 5-3.
After the wiper is decremented to the desired position,
the U/D pin should be forced low (VIL) and the CS pin
should be forced to VIH. This will ensure that
“unexpected” transitions on the U/D pin do not cause
the wiper setting to decrement. Driving the CS pin to
VIH should occur as soon as possible (within device
specifications) after the last desired increment occurs.
When the device voltage falls below the RAM retention
voltage of the device, the wiper state may be corrupted.
When the device returns to the operating range, the
wiper will be loaded with the default POR wiper setting.
After the CS pin is driven to VIH (from VIL), any other
serial command may immediately be entered.
FIGURE 5-3:
Decrement.
Note:
The wiper value will not underflow. That is,
once the wiper value equals 0x00,
subsequent decrement commands are
ignored.
U/D
CS
Wiper
1
2
3
4
X-1
XX-2
X-3
X-4
VIH
VIH
5
6
VIL
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com