công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRM-2633 bảng dữ liệu(PDF) 1 Page - Everlight Electronics Co., Ltd

tên linh kiện IRM-2633
Giải thích chi tiết về linh kiện  Infrared Remote-control Receiver Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EVERLIGHT [Everlight Electronics Co., Ltd]
Trang chủ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-2633 bảng dữ liệu(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRM-2633 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-2633 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 1 of 9
Device No:DMO-026-180
Prepared date:07-20-2005
Prepared by:Carryll Hsu
Technical Data Sheet
Infrared Remote-control Receiver Module
IRM-26xx SERIES
Features
‧High protection ability against EMI .
‧Circular lens to improve the receive characteristic.
‧Line-up for various center carrier frequencies.
‧Low voltage and low power consumption.
‧High immunity against ambient light.
‧Photodiode with integrated circuit.
‧TTL and CMOS compatibility.
‧Long reception distance.
‧High sensitivity.
‧Pb free.
‧The product itself will remain within RoHS compliant version.
Descriptions
The device is a miniature type infrared remote control
system receiver which has been developed and designed by
utilizing the most updated IC technology. The PIN diode
and preamplifier are assembled on lead frame, the epoxy
package is designed as an IR filter. The demodulated
output signal can directly be decoded by a microprocessor.
Applications
1. Optical switch
2. Light detecting portion of remote control
․AV instruments such as Audio, TV, VCR, CD, MD, etc.
․Home appliances such as Air-conditioner, Fan , etc.
․The other equipments with wireless remote control.
․CATV set top boxes
․Multi-media Equipment
PART
MATERIAL
COLOR
Chip
Silicon
---
Lead Frame
SPCC
Silver white
Package
Epoxy
Black


Số phần tương tự - IRM-2633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Everlight Electronics C...
IRM-2633 EVERLIGHT-IRM-2633 Datasheet
276Kb / 9P
Infrared Remote-control Receiver Module
IRM-2633-DIP-A EVERLIGHT-IRM-2633-DIP-A Datasheet
202Kb / 9P
Infrared Remote-Control Receiver Module
10-22-2005
IRM-2633-E EVERLIGHT-IRM-2633-E Datasheet
249Kb / 10P
Infrared Remote-control Receiver Module
IRM-2633A EVERLIGHT-IRM-2633A Datasheet
234Kb / 10P
Infrared Remote-control Receiver Module
IRM-2633AF4 EVERLIGHT-IRM-2633AF4 Datasheet
237Kb / 9P
Infrared Remote-control Receiver Module
More results

Mô tả tương tự - IRM-2633

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Everlight Electronics C...
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
Infrared Remote-control Receiver Module
07-20-2005
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
Infrared Remote-control Receiver Module
08-19-2004
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
Infrared Remote-control Receiver Module
08-19-2004
IRM-8601S-5 EVERLIGHT-IRM-8601S-5 Datasheet
251Kb / 9P
Infrared Remote-control Receiver Module
08-18-2004
IRM-3738S18 EVERLIGHT-IRM-3738S18 Datasheet
244Kb / 9P
Infrared Remote-Control Receiver Module
07-28-2005
IRM-8881T EVERLIGHT-IRM-8881T Datasheet
238Kb / 9P
Infrared Remote-control Receiver Module
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com