công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7490EBZ bảng dữ liệu(PDF) 22 Page - Analog Devices

tên linh kiện EVAL-ADT7490EBZ
Giải thích chi tiết về linh kiện  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7490EBZ bảng dữ liệu(HTML) 22 Page - Analog Devices

Back Button EVAL-ADT7490EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
ADT7490
Rev. 0 | Page 22 of 76
D+
VDD
TO ADC
VOUT+
VOUT–
REMOTE
SENSING
TRANSISTOR
D–
I
N1 × I
N2 × I
IBIAS
LPF
fC = 65kHz
Figure 28. Signal Conditioning for Remote Diode Temperature Sensors
SERIES RESISTANCE CANCELLATION
Parasitic resistance to the ADT7490 D+ and D− inputs (seen in
series with the remote diode) is caused by a variety of factors,
including PCB track resistance and track length. This series
resistance appears as a temperature offset in the remote sensor’s
temperature measurement. This error typically causes a 0.5°C offset
per ohm of parasitic resistance in series with the remote diode.
The ADT7490 automatically cancels out the effect of this series
resistance on the temperature reading, giving a more accurate
result without the need for user characterization of this resis-
tance. The ADT7490 is designed to automatically cancel,
typically up to 1.5 kΩ of resistance. By using an advanced
temperature measurement method, this is transparent to the
user. This feature allows resistances to be added to the sensor
path to produce a filter, allowing the part to be used in noisy
environments.
Noise Filtering
For temperature sensors operating in noisy environments,
previous practice was to place a capacitor across the D+ pin and
the D− pin to help combat the effects of noise. However, large
capacitances affect the accuracy of the temperature measurement,
leading to a recommended maximum capacitor value of 1000 pF.
This capacitor reduces the noise, but does not eliminate it, which
makes using the sensor difficult in a very noisy environment.
The ADT7490 has a major advantage over other devices for
eliminating the effects of noise on the external sensor. Using the
series resistance cancellation feature, a filter can be constructed
between the external temperature sensor and the part. The effect
of any filter resistance seen in series with the remote sensor is
automatically canceled from the temperature result.
The construction of a filter allows the ADT7490 and the remote
temperature sensor to operate in noisy environments. Figure 29
shows a low-pass RC filter with the following values:
R = 100 Ω, C = 1 nF
This filtering reduces both common-mode noise and
differential noise.
D+
1nF
100Ω
REMOTE
TEMPERATURE
SENSOR
D–
100Ω
Figure 29. Filter Between Remote Sensor and ADT7490
FACTORS AFFECTING DIODE ACCURACY
Remote Sensing Diode
The ADT7490 is designed to work with either substrate transistors
built into processors or discrete transistors. Substrate transistors
are generally PNP types with the collector connected to the
substrate. Discrete types can be either PNP or NPN transistors
connected as a diode (base-shorted to the collector). To reduce
the error due to variations in both substrate and discrete
transistors, a number of factors should be taken into
consideration:
•
The ideality factor, nf, of the transistor is a measure of the
deviation of the thermal diode from ideal behavior. The
ADT7490 is trimmed for an nf value of 1.008. Use the
following equation to calculate the error introduced at a
temperature T (°C) when using a transistor whose nf does
not equal 1.008. Refer to the data sheet for the related CPU
to obtain the nf values.
ΔT = (nf − 1.008)/1.008 × (273.15 K + T)
To factor this in, the user can write the ΔT value to the
offset register. The ADT7490 automatically adds it to or
subtracts it from the temperature measurement.
•
Some CPU manufacturers specify the high and low current
levels of the substrate transistors. The high current level of
the ADT7490, IHIGH, is 192 μA and the low level current,
ILOW, is 12 μA. If the ADT7490 current levels do not match
the current levels specified by the CPU manufacturer, it
may be necessary to remove an offset. The CPU’s data
sheet advises whether this offset needs to be removed and
how to calculate it. This offset can be programmed to the
offset register. It is important to note that if more than one
offset must be considered, the algebraic sum of these
offsets must be programmed to the offset register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com