công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7490EBZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện EVAL-ADT7490EBZ
Giải thích chi tiết về linh kiện  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7490EBZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  EVAL-ADT7490EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADT7490EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
ADT7490
Rev. 0 | Page 4 of 76
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. All voltages are measured with respect to GND, unless otherwise specified.
Typical voltages are TA = 25°C and represent a parametric norm. Logic inputs accept input high voltages up to VMAX, even when the device
is operating down to VMIN. Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge, and VIH = 2.0 V for a rising edge.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage
3.0
3.3
3.6
V
Supply Current, ICC
1.5
5
mA
Interface inactive, ADC active
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±0.5
±1.5
°C
0°C ≤ TA ≤ 85°C
±2.5
°C
−40°C ≤ TA ≤ +125°C
Resolution
0.25
°C
Remote Diode Sensor Accuracy
±0.5
±1.5
°C
0°C ≤ TA ≤ 85°C
±2.5
°C
−40°C ≤ TA ≤ +125°C
Resolution
0.25
°C
Remote Sensor Source Current
12
μA
Low level
72
μA
Mid level
192
μΑ
High level
Series Resistance Cancellation1
1.5
kΩ
The ADT7490 cancels up to 2 kΩ in series
with the remote thermal sensor
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENTUATORS)
Total Unadjusted Error (TUE)
±2
%
For all channels: −40°C ≤ TA ≤ +125°C
±1.5
%
For all other channels except +12VIN:
0°C ≤ TA ≤ +125°C
Differential Nonlinearity (DNL)
±1
LSB
8 bits
Power Supply Sensitivity
±0.1
%/V
Conversion Times1
Voltage Inputs
11
13
ms
Averaging enabled, all channels excluding VTT2
VTT Voltage Input2
12
14
ms
Averaging enabled
Local Temperature
12
14
ms
Averaging enabled
Remote Temperature
38
43
ms
Averaging enabled
Total Monitoring Cycle Time
169
193
ms
Averaging enabled
19
ms
Averaging disabled
Input Resistance
150
200
kΩ
For +12VIN channel
70
100
kΩ
For all other channels
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±10
%
0°C ≤ TA ≤ 85°C
±14
%
−40°C ≤ TA ≤ +125°C
Full-Scale Count
65,535
Nominal Input RPM
109
RPM
Fan count = 0xBFFF
329
RPM
Fan count = 0x3FFF
5000
RPM
Fan count = 0x0438
10,000
RPM
Fan count = 0x021C
OPEN-DRAIN DIGITAL OUTPUTS,
PWM1 TO PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
0.4
V
IOUT = −8.0 mA
High Level Output Current, IOH
0.1
20
μA
VOUT = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com