| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1013DIPE4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LT1013DIPE4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 33 page ![]() LT1013, LT1013A, LT1013D DUAL PRECISION OPERATIONAL AMPLIFIERS SLOS018H − MAY 1988 − REVISED NOVEMBER 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA VIOmax AT 25 °C ( µV) PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING P−DIP (P) Tube of 50 LT1013CP LT1013P 300 SOIC (D) Tube of 75 LT1013CD 1013C 0 °C to 70°C 300 SOIC (D) Reel of 2500 LT1013CDR 1013C 0 °C to 70°C P−DIP (P) Tube of 50 LT1013DP LT1013DP 800 SOIC (D) Tube of 75 LT1013DD 1013D 800 SOIC (D) Reel of 2500 LT1013DDR 1013D P−DIP (P) Tube of 50 LT1013DIP LT1013DIP −40 °C to 105°C 800 SOIC (D) Tube of 75 LT1013DID 1013DI −40 C to 105 C 800 SOIC (D) Reel of 2500 LT1013DIDR 1013DI C−DIP (JG) Tube of 50 LT1013AMJG LT1013AMJG 150 C−DIP (JGB) Tube of 50 LT1013AMJGB LT1013AMJGB 150 LCCC (FK) Tube of 55 LT1013AMFK LT1013AMFK −55 °C to 125°C LCCC (FKB) Tube of 55 LT1013AMFKB LT1013AMFKB −55 °C to 125°C C−DIP (JG) Tube of 50 LT1013MJG LT1013MJG 300 C−DIP (JGB) Tube of 50 LT1013MJGB LT1013MJGB 300 LCCC (FKB) Tube of 55 LT1013MFKB LT1013MFKB 800 SOIC (D) Tube of 75 LT1013DMD 1013DM † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |