| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1013DIPE4 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LT1013DIPE4 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 33 page ![]() LT1013, LT1013A, LT1013D DUAL PRECISION OPERATIONAL AMPLIFIERS SLOS018H − MAY 1988 − REVISED NOVEMBER 2004 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 5 TA − Free-Air Temperature − °C INPUT BIAS CURRENT vs FREE-AIR TEMPERATURE −50 −25 0 25 50 75 100 125 0 −5 −10 −15 −20 −25 −30 VCC± = 5 V, VCC− = 0 VCC± = ±2.5 V VCC± = ±15 V VIC = 0 Figure 6 IIB − Input Bias Current − nA 0 COMMON-MODE INPUT VOLTAGE vs INPUT BIAS CURRENT −15 −10 −5 5 10 15 0 −5 −10 −15 −20 −25 −30 −1 0 1 2 3 4 5 TA = 25°C VCC± = ±15 V (left scale) VCC± = 5 V VCC− = 0 (right scale) RL − Load Resistance − Ω DIFFERENTIAL VOLTAGE AMPLIFICATION vs LOAD RESISTANCE 100 400 1 k 4 k 10 k 10 4 1 0.4 0.1 VCC± = ±15 V VO = ±10 V TA = −55°C TA = 25°C TA = 125°C Figure 7 RL − Load Resistance − Ω DIFFERENTIAL VOLTAGE AMPLIFICATION vs LOAD RESISTANCE 100 400 1 k 4 k 10 k VCC± = 5 V, VCC− = 0 VO = 20 mV to 3.5 V TA = −55°C TA = 25°C TA = 125°C 10 4 1 0.4 0.1 Figure 8 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |