công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ12MC02IP bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện DSPIC33FJ12MC02IP
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 15Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 16Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 17Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 18Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 19Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 20Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 21Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 22Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 17
dsPIC33FJ12MC201/202
bit 1
RND: Rounding Mode Select bit
1 = Biased (conventional) rounding enabled
0 = Unbiased (convergent) rounding enabled
bit 0
IF: Integer or Fractional Multiplier Mode Select bit
1 = Integer mode enabled for DSP multiply ops
0 = Fractional mode enabled for DSP multiply ops
REGISTER 2-2:
CORCON: CORE CONTROL REGISTER (CONTINUED)
Note 1:
This bit will always read as ‘0’.
2:
The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU interrupt priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More