công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ12MC02IP bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện DSPIC33FJ12MC02IP
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 8Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 9Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 10Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 11Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 12Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 13Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 14Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 15Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 10
Preliminary
© 2007 Microchip Technology Inc.
FLTA1
PWM1L1
PWM1H1
PWM1L2
PWM1H2
PWM1L3
PWM1H3
FLTA2
PWM2L1
PWM2H1
I
O
O
O
O
O
O
I
O
O
ST
—
—
—
—
—
—
ST
—
—
PWM1 Fault A input.
PWM1 Low output 1
PWM1 High output 1
PWM1 Low output 2
PWM1 High output 2
PWM1 Low output 3
PWM1 High output 3
PWM2 Fault A input.
PWM2 Low output 1
PWM2 High output 1
PGD1/EMUD1
PGC1/EMUC1
PGD2/EMUD2
PGC2/EMUC2
PGD3/EMUD3
PGC3/EMUC3
I/O
I
I/O
I
I/O
I
ST
ST
ST
ST
ST
ST
Data I/O pin for programming/debugging communication channel 1.
Clock input pin for programming/debugging communication channel 1.
Data I/O pin for programming/debugging communication channel 2.
Clock input pin for programming/debugging communication channel 2.
Data I/O pin for programming/debugging communication channel 3.
Clock input pin for programming/debugging communication channel 3.
MCLR
I/P
ST
Master Clear (Reset) input. This pin is an active-low Reset to the device.
AVDD
P
P
Positive supply for analog modules.
AVSS
P
P
Ground reference for analog modules.
VDD
P
—
Positive supply for peripheral logic and I/O pins.
VDDCORE
P
—
CPU logic filter capacitor connection.
VSS
P
—
Ground reference for logic and I/O pins.
VREF+
I
Analog
Analog voltage reference (high) input.
VREF-
I
Analog
Analog voltage reference (low) input.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P=Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More