| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC128T-I/MC bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC128T-I/MC bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 42 page ![]() © 2007 Microchip Technology Inc. DS21930B-page 23 24AAXX/24LCXX/24FCXX Note: T = Temperature range: I = Industrial, E = Extended XXXXXNNN XXXXXXXX YYWW 8-Lead SOIC SN 0528 24LC01BI 1L7 Example: Pb-free 3 e 8-Lead SOIC Package Marking (Pb-free) Device Line 1 Marking Device Line 1 Marking Device Line 1 Marking Device Line 1 Marking 24AA00 24AA00T 24LC00 24LC00T 24C00 24C00T 24AA01 24AA01T 24LC01B 24LC01BT 24AA014 24AA014T 24LC014 24LC014T 24C01C 24C01CT 24AA02 24AA02T 24LC02B 24LC02BT 24AA024 24AA024T 24LC024 24LC024T 24AA025 24AA025T 24LC025 24LC025T 24C02C 24C02CT 24AA04 24AA04T 24LC04B 24LC04BT 24AA08 24AA08T 24LC08B 24LC08BT 24AA16 24AA16T 24LC16B 24LC16BT 24AA32A 24AA32AT 24LC32A 24LC32AT 24AA64 24AA64T 24LC64 24LC64T 24FC64 24FC64T 24AA128 24AA128T 24LC128 24LC128T 24FC128 24FC128T 24AA256 24AA256T 24LC256 24LC256T 24FC256 24FC256T 24AA512 24AA512T 24LC512 24LC512T 24FC512 24FC512T Note: Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion. Legend: XX...X Part number or part number code Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) plated devices Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |