| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC128T-I/MC bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC128T-I/MC bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 42 page ![]() 24AAXX/24LCXX/24FCXX DS21930B-page 22 © 2007 Microchip Technology Inc. 9.0 PACKAGING INFORMATION 9.1 Package Marking Information 8-Lead PDIP Package Marking (Pb-free) Device Line 1 Marking Device Line 1 Marking Device Line 1 Marking Device Line 1 Marking 24AA00 24AA00 24LC00 24LC00 24C00 24C00 24AA01 24AA01 24LC01B 24LC01B 24AA014 24AA014 24LC014 24LC014 24C01C 24C01C 24AA02 24AA02 24LC02B 24LC02B 24AA024 24AA024 24LC024 24LC024 24AA025 24AA025 24LC025 24LC025 24C02C 24C02C 24AA04 24AA04 24LC04B 24LC04B 24AA08 24AA08 24LC08B 24LC08B 24AA16 24AA16 24LC16B 24LC16B 24AA32A 24AA32A 24LC32A 24LC32A 24AA64 24AA64 24LC64 24LC64 24FC64 24FC64 24AA128 24AA128 24LC128 24LC128 24FC128 24FC128 24AA256 24AA256 24LC256 24LC256 24FC256 24FC256 24AA512 24AA512 24LC512 24LC512 24FC512 24FC512 Note: Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion. Legend: XX...X Part number or part number code Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code (2 characters for small packages) Pb-free JEDEC designator for Matte Tin (Sn) plated devices Note: For very small packages with no room for the Pb-free JEDEC designator , the marking will only appear on the outer carton or reel label. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXNNN XXXXXXXX YYWW 8-Lead PDIP I/P 1L7 24LC01B 0528 Example: Pb-free 3 e |