công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6G01T-E/ST bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MCP6G01T-E/ST
Giải thích chi tiết về linh kiện  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/ST bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MCP6G01T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2006 Microchip Technology Inc.
DS22004B-page 7
MCP6G01/1R/1U/2/3/4
1.1
DC Output Voltage Specs / Model
1.1.1
IDEAL MODEL
The ideal SGA output voltage (VOUT) is (see Figure 1-3):
EQUATION 1-1:
This equation holds when there are no gain or offset
errors.
1.1.2
LINEAR MODEL
The SGA’s linear region of operation is modeled by the
line VO_LIN shown in Figure 1-3. VO_LIN includes offset
and gain errors, but does not include non-linear effects.
EQUATION 1-2:
This line’s endpoints are 0.3V from the supply rails
(VO_ID = 0.3V and VDD – 0.3V). The gain error and
input offset voltage specifications (in the electrical
specifications) relate to Figure 1-3 as follows:
EQUATION 1-3:
The input offset specification describes VOS at
G=+1 V/V.
The DC Gain Drift (
ΔG/ΔTA) can be calculated from the
change in gE across temperature. This is shown in the
following equation:
EQUATION 1-4:
FIGURE 1-3:
Output Voltage Model.
1.1.3
OUTPUT NON-LINEARITY
Figure 1-4 shows the Integral Non-Linearity (INL) of the
output voltage. INL is the output non-linearity error not
explained by VO_LIN:
EQUATION 1-5:
The output non-linearity specification (in the Electrical
Specifications, with units of % of FSR) is related to
Figure 1-4 by:
EQUATION 1-6:
Note that the Full Scale Range (FSR) is VDD –0.6V
(0.3V to VDD –0.3V).
Where:
G is the nominal gain
VO_ID
GVIN
=
VREF
VSS
0V
==
VO_LIN
G 1 gE
+
() V
IN
0.3V
G
------------ VOS
+
–
⎝⎠
⎛⎞ 0.3V
+
=
VREF
VSS
0V
==
Where:
G is the nominal gain
gE is the gain error
VOS is the input offset voltage
gE
100%
V2 V1
–
VDD 0.6V
–
-----------------------------
⋅
=
VOS
V1
G 1 gE
+
()
-------------------------,
=
G
+1
=
Where:
V1
VOUT VO_ID,
–
=
VO_ID
0.3V
=
V2
VOUT VO_ID,
–
=
VO_ID
VDD 0.3V
–
=
G
Δ
TA
Δ
⁄
G
gE
Δ
TA
Δ
----------,
⋅
=
in units of V/V/°C
G
Δ
TA
Δ
⁄
100%
gE
Δ
TA
Δ
----------,
⋅
=
in units of %/°C
0
0
0.3
VDD-0.3
VDD
V O
UT
VOUT (V)
VIN (V)
0.3
VDD-0.3 VDD
G
GG
V1
V O
_ID
V O
_L
IN
V2
INL
VOUT VO_LIN
–
=
VONL
100%
max V3 V4
,
()
VDD 0.6V
–
-------------------------------
⋅
=
V3
max INL
–
()
=
Where:
V4
max INL
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com