công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6G01T-E/ST bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện MCP6G01T-E/ST
Giải thích chi tiết về linh kiện  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/ST bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button MCP6G01T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 18Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 20Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 21Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 22Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 23Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 20
© 2006 Microchip Technology Inc.
4.1.4
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-2. This structure was chosen to
protect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass ESD
events within the specified limits.
FIGURE 4-2:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these amplifiers, the circuits they are in must limit the
currents (and voltages) at the VIN pins (see Section
“Absolute Maximum Ratings †” at the beginning of
Section 1.0 “Electrical Characteristics”). Figure 4-3
shows the recommended approach to protecting these
inputs. The internal ESD diodes prevent the input pins
(VIN) from going too far below ground, and the resistor
R1 limits the possible current drawn out of the input pin.
Diode D1 prevents the input pin (VIN) from going too far
above VDD. When implemented as shown, resistor R1
also limits the current through D1.
FIGURE 4-3:
Protecting the Analog
Inputs.
It is also possible to connect the diode to the left of the
resistor R1. In this case, the current through the diode
D1 needs to be limited by some other mechanism. The
resistor then serves as in-rush current limiter; the DC
current into the input pin (VIN) should be very small.
A significant amount of current can flow out of the
inputs when the common mode voltage (VCM) is below
ground (VSS); see Figure 2-17. Applications that are
high impedance may need to limit the useable voltage
range.
4.1.5
RAIL-TO-RAIL OUTPUT
The maximum output voltage swing is the maximum
swing possible under a particular amplifier load current.
The amplifier load current is the sum of the external
load current (IOUT) and the current through the ladder
resistance (ILAD); see Figure 4-4.
EQUATION 4-2:
FIGURE 4-4:
Amplifier Load Current.
See Figure 2-20 for the typical output headroom
(VDD – VOH or VOL – VSS) as a function of amplifier
load current.The specification table states the output
can reach within 10 mV of either supply rail when
RL = 100 kΩ.
4.2
Resistor Ladder
The
resistor
ladder
shown
in
Figure 4-1
(RLAD =RF +RG) sets the gain. Placing the gain
switches in series with the inverting input reduces the
parasitic capacitance, distortion, and gain mismatch.
RLAD is an additional load on the output of the SGA and
causes additional current draw from the supplies.
When CS is high, the SGA is shut down (low power).
RLAD is still attached to the VOUT and VSS pins. Thus,
these pins and the internal amplifier’s inverting input
are all connected through RLAD and the output is not
high-Z (unlike the internal op amp).
RLAD contributes to the output noise; see Figure 2-9.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN
VSS
to the rest of
Input
Stage
the amplifier
V1
MCP6G0X
R1
VDD
D1
R1 ≥
VSS – (minimum expected V1)
2mA
VOUT
VIN
Where:
Amplifier Load Current
IOUT ILAD
+
=
ILAD
VOUT VSS
–
()
RLAD
---------------------------------
=
VOUT
VSS
RLAD
IOUT
ILAD
MCP6G0X
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com