| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9915/PCBZ bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9915/PCBZ bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 51 page ![]() Data Sheet AD9915 SPECIFICATIONS analog.com Rev. G | 8 of 51 Table 2. Parameter Min Typ Max Unit Test Conditions/Comments Amplitude 78 SYSCLK cycles OSK enabled Single Tone Mode or Profile Mode (Matched Latency Enabled) Frequency 222 SYSCLK cycles OSK disabled 238 SYSCLK cycles OSK enabled Phase 222 SYSCLK cycles OSK disabled 238 SYSCLK cycles OSK enabled Amplitude 238 SYSCLK cycles OSK enabled Modulation Mode with 32-Bit Parallel Port (Match Latency Disabled) Frequency 222 SYSCLK cycles OSK disabled 238 SYSCLK cycles OSK enabled Phase 206 SYSCLK cycles OSK disabled 222 SYSCLK cycles OSK enabled Amplitude 78 SYSCLK cycles OSK enabled Modulation Mode with 32-Bit Parallel Port (Match Latency Enabled) Frequency 222 SYSCLK cycles OSK disabled 238 SYSCLK cycles OSK enabled Phase 222 SYSCLK cycles OSK disabled 238 SYSCLK cycles OSK enabled Amplitude 238 SYSCLK cycles OSK enabled Sweep Mode (Match Latency Disabled) Frequency 238 SYSCLK cycles OSK disabled 254 SYSCLK cycles OSK enabled Phase 222 SYSCLK cycles OSK disabled 238 SYSCLK cycles OSK enabled Amplitude 94 SYSCLK cycles OSK enabled Sweep Mode (Match Latency Enabled) Frequency 238 SYSCLK cycles OSK disabled 254 SYSCLK cycles OSK enabled Phase 238 SYSCLK cycles OSK disabled 254 SYSCLK cycles OSK enabled Amplitude 254 SYSCLK cycles OSK enabled |